PART |
Description |
Maker |
SC2R7702Z SC5R5303Z SC5R5222Z |
Primary or back-up power supply
|
DB Lectro Inc
|
SC2R7702Z SC5R5222Z SC2R7103Z SR2R5304Z SR2R5333Z |
2.7V/3.0F Primary or back-up power supply
|
DB Lectro Inc
|
T-980 |
Primary Impedance 600(W),Primary DC Resistance 49(W) nom.
|
Rhombus Industries Inc.
|
891-00525CST-0 891-00525CSA1-0 891-00525CSA1-2 891 |
Nanominiature Connectors Double Row Back-To-Back
|
Glenair, Inc.
|
ZL10313UBH |
WIRE, PTFE, A, WHITE, 7/.012MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:White; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
|
Zarlink Semiconductor Inc.
|
X25041 X25041P X25041P-2.7 X25041P-3 X25041PI X250 |
DC/DC Charge Pump Converter (DC-DC) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Number of PWM Outputs:2; Input Voltage Primary Min:1.8V; Input Voltage Primary SPI Serial E2PROM with Block LockTM Protection
|
XICOR[Xicor Inc.]
|
NCL30082 NCL30082A NCL30082ADMR2G NCL30082B NCL300 |
Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
|
ON Semiconductor
|
50-57-9320 50-57-9319 50-57-9312 50-57-9311 50-57- |
SL Crp Hsg D SR Back Rbs 20Ckt 20 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 19Ckt 19 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 12Ckt 50579311 Connector Housing; Gender:Female; No. of Contacts:7; Series:SL; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Connector Body Material:Polyester; For Use With:70058 and 71851 crimp terminals
|
Molex, Inc. MOLEX INC
|
VIPER100-22-E VIPER100-E VCC4-B3A-50M000 |
SMPS PRIMARY I.C.
|
意法半导 STMicroelectronics
|
RM0029 |
The primary objective of this document
|
STMicroelectronics
|